|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMD Schottky Barrier Diode COMCHIP SMD Diodes Specialist CDBF0140L Io = 100 mA VR = 40 Volt s Features Low forward Voltage (Lead-free Device) 1005(2512) 0.102(2.60) 0.095(2.40) Designed for mounting on small surface. Extremely thin/leadless package. Majority carrier conduction. 0.051(1.30) 0.043(1.10) Mechanical data 0.035(0.90) Case: 1005 (2512) Standard package , molded plastic. 0.027(0.70) 0.020(0.50) Typ. Terminals: Gold plated, solderable per MIL-STD-750, method 2026. 0.012 (0.30) Typ. Polarity: Indicated by cathode band. 0.020(0.50) Typ. Mounting position: Any. Dimensions in inches and (millimeter) Weight: 0.006 gram (approximately). Maximum Rating ( at T A = 25 C unless otherwise noted ) Parameter Peak reverse voltage Reverse voltage Average forward rectified current Forward current , surge peak Storage temperature Junction temperature 8.3 ms single half sine-wave superimposed on rate load ( JEDEC method ) Conditions Symbol Min Typ Max Unit VRM VR Io IFSM TSTG Tj -40 -40 45 40 100 1 +125 +125 V V mA A C C Electrical Characteristics ( at T A = 25 C unless otherwise noted ) Parameter Forward voltage I F = 100 mA I F = 10 mA Reverse current Capacitance between terminals VR = 10 V f = 1MHz, and 10 VDC reverse voltage Conditions Symbol Min Typ Max Unit VF VF IR CT 6 0.55 0.34 30 V V uA pF REV:A QW-A1014 Page 1 SMD Schottky Barrier Diode COMCHIP SMD Diodes Specialist RATING AND CHARACTERISTIC CURVES (CDBF0140L) Fig. 1 - Forward characteristics 1000 10m 1m Fig. 2 - Reverse characteristics Forward current (mA ) Reverse current ( A ) O 75 C 100u 10u 1u 100n 10n O C O 100 25 C 10 -25 125 C O C O C O O 75 -2 5 25 C 1 0 0.1 0 1n .2 0.3 0.4 0.5 0.6 0.7 0 10 20 30 40 Forward voltage (V) Reverse voltage (V) Fig. 3 - Capacitance between terminals characteristics 15 Fig. 4 - Current derating curve Capacitance between terminals (pF) Average forward current ( % ) Mounting on glass epoxy PCBs 12 100 80 9 60 6 40 3 20 0 0 10 20 30 40 0 0 25 50 75 100 125 150 Reverse voltage (V) Ambient temperature ( C ) REV:A QW-A1014 Page 2 |
Price & Availability of CDBF0140L |